|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AIZ Series Passive 10-Tap DIP/SMD Delay Modules Low Profile 14-Pin Package Two Surface Mount Versions Low Distortion LC Network 10 Equal Delay Taps, Variety of Footprints Fast Rise Time -- BW 0.35 / tr Standard Impedances: 50 - 75 - 100 - 200 Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC Electrical Specifications at 25OC Delay Tolerances Total (ns) Tap-to-Tap (ns) 1, 2, 3 Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) .................................... 5% to 10%, typical Pulse Distortion (S) ....................................................... 3% typical Working Voltage ............................................... 25 VDC maximum Dielectric Strength ............................................ 100VDC minimum Insulation Resistance ......................... 1,000 M min. @ 100VDC Temperature Coefficient .................................. 70 ppm/OC, typical Bandwidth (fC) ......................................................... 0.35/tr approx. Operating Temperature Range ............................. -55O to +125OC Storage Temperature Range ................................. -65O to +150OC Note: For SMD Package add "G" of "J" as below to P/N in Table Rise Time (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 50 Ohm Part Number 5.0 0.5 7.5 0.5 10 1.0 15 1.0 20 1.0 25 1.25 30 1.5 35 1.75 40 2.0 50 2.5 60 3.0 75 3.75 80 4.0 100 5.0 120 6.0 125 6.25 150 7.5 0.5 0.2 0.75 0.3 1.0 0.4 1.5 0.5 2.0 0.5 2.5 0.5 3.0 0.6 3.5 1.0 4.0 1.0 5.0 1.0 6.0 1.5 7.5 1.5 8.0 1.8 10.0 2.0 12.0 2.5 12.5 2.5 15.0 3.0 AIZ-55 AIZ-7P55 AIZ-105 AIZ-155 AIZ-205 AIZ-255 AIZ-305 AIZ-355 AIZ-405 AIZ-505 AIZ-605 AIZ-755 AIZ-805 AIZ-1005 AIZ-1205 AIZ-1255 AIZ-1505 1.5 1.8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 10.0 12.0 15.0 16.0 20.0 24.0 25.0 30.0 0.8 0.8 .80 1.0 1.2 1.3 1.4 1.5 1.6 1.8 2.0 2.9 3.0 3.4 3.7 3.9 4.8 AIZ-57 AIZ-7P57 AIZ-107 AIZ-157 AIZ-207 AIZ-257 AIZ-307 AIZ-357 AIZ-407 AIZ-507 AIZ-607 AIZ-757 AIZ-807 AIZ-1007 AIZ-1207 AIZ-1257 AIZ-1507 1.5 1.8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 10.0 12.0 15.0 16.0 20.0 24.0 25.0 30.0 0.8 1.1 1.1 1.3 1.5 1.6 1.9 2.6 2.9 3.2 3.5 4.5 4.8 4.9 5.5 5.6 6.3 AIZ-51 AIZ-7P51 AIZ-101 AIZ-151 AIZ-201 AIZ-251 AIZ-301 AIZ-351 AIZ-401 AIZ-501 AIZ-601 AIZ-751 AIZ-801 AIZ-1001 AIZ-1201 AIZ-1251 AIZ-1501 1.5 1.8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 10.0 12.0 15.0 16.0 20.0 24.0 25.0 30.0 0.8 0.8 1.2 1.4 1.6 1.8 2.0 2.9 3.1 3.5 3.8 4.8 5.0 5.6 6.0 6.3 6.8 AIZ-52 AIZ-7P52 AIZ-102 AIZ-152 AIZ-202 AIZ-252 AIZ-302 AIZ-352 AIZ-402 AIZ-502 AIZ-602 AIZ-752 AIZ-802 AIZ-1002 AIZ-1202 AIZ-1252 AIZ-1502 1.5 1.8 2.0 3.0 4.0 5.0 6.0 7.0 8.0 10.0 12.0 15.0 16.0 20.0 25.0 26.0 32.0 0.8 0.8 1.7 1.9 2.4 3.4 3.7 4.0 4.3 5.6 6.1 6.8 7.0 8.0 12.0 12.3 13.5 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% point of leading edge. 3. Output (100% Tap) terminated to ground through RL=ZO OPTIONAL SCHEMATICS: As below, with similar electricals per table these passive delays are available in range of schematic styles (Contact factory for others not shown). AIZ Style Schematic Most Popular Footprint COM 10% 14 13 30% 12 50% 11 70% 10 90% COM 9 8 N/C 14 AIY Style Schematic Per table above, substitute AIY for AIZ in P/N 100% 90% 13 12 80% 11 70% 10 60% 9 50% 8 14 AIU Style Schematic Per table above, substitute AIU for AIZ in P/N COM 100% 90% 13 12 80% 11 70% 10 60% 9 50% 8 1 IN 2 N/C 3 20% 4 40% 5 60% 6 7 1 COM 2 IN 3 10% 4 20% 5 30% 6 40% 7 COM 1 COM 2 IN 3 10% 4 20% 5 30% 6 40% 7 50% 80% 100% 14-PIN PACKAGE OPTIONS: See Drawings on Page 2. Available as Thru-hole (default) or SMD versions. Gull wing SMD add "G" to end of P/N per table. J-Bend SMD add "J" to end of P/N per table. Specifications subject to change without notice. DIP G-SMD Add "G" J-SMD Add "J" For other values & Custom Designs, contact factory. Page 1 of 2 AIZ 9901 Rhombus Industries Inc. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971 www.rhombus-ind.com * email: sales@rhombus-ind.com 14-Pin Low Profile DIP/SMD Package Dimensions in Inches (mm) 14-Pin DIP, "Thru-hole" is Default package style per Table on Page 1. .785 (19.94) MAX. .205 .020 (5.21) (0.51) MAX. .120 (3.05) MIN. .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. .300 (7.62) .365 (9.27) MAX. .285 (7.24) MAX. .008 R (0.20) .010 (0.25) TYP. Example P/N: AIZ-101 AIY-205 AIU-1507 14-Pin Gull wing SMD. To Specify G-SMD, add "G" to end of P/N per Table on Page 1. .785 (19.94) MAX. .285 (7.24) MAX. .205 (5.21) MAX. .015 (0.38) TYP. .030 (0.76) TYP. G-SMD G-SMD .008 R (0.20) .010 (0.25) TYP. Example P/N: AIZ-101G AIY-205G AIU-1507G .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. .430 (10.92) .400 (10.16) 14-Pin J-Bend SMD. To Specify J-SMD, add "J" to end of P/N per Table on Page 1. .785 (19.94) MAX. .285 (7.24) MAX. .215 (5.46) MAX. .030 (0.76) TYP. J-SMD J-SMD .020 R (0.51) Example P/N: AIZ-101J AIY-205J AIU-1507J .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. .285 (7.24) .260 (6.60) .330 (8.38) MAX. OPTIONAL SCHEMATICS: As below, with similar electricals per table these passive delays are available in range of schematic styles (Contact factory for other 14-Pin Schematic Styles not shown). AIZ Style Schematic Most Popular Footprint COM 10% 14 13 30% 12 50% 11 70% 10 90% COM 9 8 N/C 14 AIY Style Schematic Per table above, substitute AIY for AIZ in P/N 100% 90% 13 12 80% 11 70% 10 60% 9 50% 8 14 AIU Style Schematic Per table above, substitute AIU for AIZ in P/N COM 100% 90% 13 12 80% 11 70% 10 60% 9 50% 8 1 IN 2 N/C 3 20% 4 40% 5 60% 6 7 1 COM 2 IN 3 10% 4 20% 5 30% 6 40% 7 COM 1 COM 2 IN 3 10% 4 20% 5 30% 6 40% 7 50% AIZ 9901 80% 100% Specifications subject to change without notice. For other values & Custom Designs, contact factory. Page 2 of 2 Rhombus Industries Inc. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971 www.rhombus-ind.com * email: sales@rhombus-ind.com |
Price & Availability of AIZ-601 |